Part Number Hot Search : 
F08A40 Q2012NH5 0504A1 1N4744A CTGS104 M1610 BM200 215SH3
Product Description
Full Text Search
 

To Download TL431CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
Programmable Precision Reference
FEATURES
* Programmable Output Voltage to 40V * Low Dynamic Output Impedance 0.2 * Sink Current Capability of 0.1 mA to 100 mA * Equivalent Full-Range Temperature Coefficient of 50 ppm/oC * Temperature Compensated for Operation over Full Rated Operating Temperature Range * Low Output Noise Voltage * Fast Turn on Response * TO-92, SOP- 8, SOT-23, SOT-89 packages
TL431
PIN CONNECTIONS
ANODE
REFERENCE
CATHODE
DESCRIPTION
The TL431 is a three-terminal adjustable regulator series with a guaranteed thermal stability over applicable temperature ranges. The output voltage may be set to any value between Vref (approximately 2.5 volts) and 40 volts with two external resistors. These devices have a typical dynamic output impedance of 0.2. Active output circuitry provides a very sharp turn-on characteristic, making these devices excellent replacement for zener diodes in many applications. o o The TL431 is characterized for operation from -25 C to +85 C.
SYMBOL
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(Operating temperature range applies unless otherwise specified) Characteristic Cathode Voltage Cathode Current Range (Continuous) Reference Input Current Range Power Dissipation at 25 C: o SOP, TO - 92 Package (R JA = 178 C/W) o SOT Package (R JA = 625 C/W) Junction Temperature Range Operating Temperature Range Storage Temperature Range
o
Symbol VKA IK IREF PD
Value 40 -100 ~ 150 0.05 ~ 10 0.7 0.2
Unit V mA mA W W
o o o
TJ Tg Tstg
-40 ~ 150 -40 ~ +85 -65 ~ +150
C C C
Rev. 00
TL431
RECOMMENDED OPERATING CONDITIONS
Characteristic Cathode Voltage Cathode Current Symbol VKA IK Test Condition Min VREF 0.5 Typ Max 40 100 Unit V mA
ELECTRICAL CHARACTERISTICS
(Ta = 25oC, VKA = VREF, IK = 10mA unless otherwise specified) Characteristic Reference Input Voltage Symbol VREF Test Condition VKA = VREF, IK = 10mA 2.440 TL431 (2%) TL431-A (1%) TL431-C (0.5%) Deviation of Reference Input Voltage Over Full Temperature Range Ratio of Change in Reference Input Voltage to the Change in Cathode Voltage Reference Input Current Deviation of Reference Input Current Over Full Temperature Range Minimum Cathode Current for Regulation Off-State Cathode Current Dynamic Impedance VREF(dev) Tmin Ta Tmax 3 17 MV 2.470 2.482 2.495 2.495 2.495 2.550 2.520 2.508 V Min Typ Max Unit
V REF V K A
IREF IREF(dev)
VKA = 10V-VREF VKA = 36V- 10V R1 = 10K, R2 = R1 = 10K, R2 =
-1.4 -1.0 1.8 0.4
-2.7 mV/V -2.0 4 1.2
IK(min) IK(off) ZKA VKA = 40 V, VREF = 0 IK = 10mA to 100 mA , f 1.0KHz
0.25 0.26 0.22
0.5 0.9 0.5
mA
TEST CIRCUITS
Figure 1. Test Circuit for V KA = VREF Figure 2. Test Circuit for V KA VREF Figure 3. Test Circuit for I off
INPUT
VKA
IK(OFF)
TL431
TL431
BT432 TL431
Rev. 00
TL431
Electrical Characteristics
(Continued)
The average temperature coefficient of the reference input voltage, VREF, is defined as:
Where: T2 - T1 = full temperature change (0-70C). VREF can be positive or negative depending on whether the slope is positive or negative. Example: VDEV = 8.0 mV, VREF = 2495 mV, T2 - T1 = 70C, slope is positive.
Note 6: The dynamic output impedance, rZ, is defined as:
When the device is programmed with two external resistors, R1 and R2, (see Figure 2 ), the dynamic output impedance of the overall circuit, rZ, is defined as:
Rev. 00
TL431
Equivalent Circuit
Typical Performance Characteristics
Input Current vs VZ Thermal Information
Input Current vs VZ
Dynamic Impedance vs Frequency
Rev. 00
TL431
Typical Performance Characteristics
Stability Boundary Conditions
(Continued)
Note: The areas under the curves represent conditions that may cause the device to oscillate. For curves B, C, and D, R2 and V+ were adjusted to establish the initial VZ and IZ conditions with CL = 0. V+ and CL were then adjusted to determine the ranges of stability.
Test Circuit for Curve A Above
Test Circuit for Curves B, C and D Above
Typical Applications
Shunt Regulator
Single Supply Comparator with Temperature Compensated Threshold
Rev. 00
TL431
Typical Applications
(Continued)
Higher Current Shunt Regulator Series Regulator
Crow Bar
Output Control of a Three Terminal Fixed Regulator
Rev. 00
TL431
Typical Applications
(Continued) Over Voltage/Under Voltage Protection Circuit
Voltage Monitor
Rev. 00
TL431
Typical Applications
(Continued)
Current Limiter or Current Source
Delay Timer
Constant Current Sink
Rev. 00
TL431 Ordering Information
Product Number TL431CLF TL431CLS TL431CD TL431CS TL431CP TL431ALF TL431ALS TL431AD TL431AS TL431AP TL431LF TL431LS TL431D TL431S TL431P Reference Input Voltage Package TO-92 0.5% 8-SOP SOT-23 SOT-89 TO-92 1% 8-SOP SOT-23 SOT-89 TO-92 2% 8-SOP SOT-23 SOT-89
Package Dimensions
D SUFFIX SOIC (MS - 012AA) Dimension, mm
5
A 8
Symbol A
B P
MIN 4.80 3.80 1.35 0.33 0.40 1.27 5.72 0 0.10 0.19 5.80 0.25
MAX 5.00 4.00 1.75 0.51 1.27
H
B C
1
G
4 C R x 45
D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
G
J F M
H J K M P R
8 0.25 0.25 6.20 0.50
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
Rev. 00
TL431
TO-92
Rev. 00
TL431
Rev. 00
TL431
Rev. 00


▲Up To Search▲   

 
Price & Availability of TL431CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X